Part Number Hot Search : 
LA5540 18F26J53 KBPC101 CHDTA 2SD2704K CM8729 C3733 FSH10A09
Product Description
Full Text Search
 

To Download A931 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
8x6mm No. A930/A931/A932
Littelfuse series SL1011B.
2-electrode (10kA/10A) Medium Discharge Current Series This product is not recommended Features for new designs. Please refer to Non-radioactive Applications
Telecommunication Data Transmission Trigger Circuits Power Line Modules Lead Free A930 can be used in holder No. 706
Specifications
Packaging A930: A931: A932: Materials Housing: Gas: Leads:
~ 15V
00=Bulk (1.000 pcs.) 01=Reel (500 pcs.) 02=Blister Tape (600 pcs.) Ceramic non-radioactive tin plated
Arc Voltage @ 1A Transition Glow to Arc @
~ 0.8A
Standard
UL-497B complies to ITU-T K.12 (formerly CCITT) complies to DIN 57845/VDE 0845 UL-recognized
Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Soldering characteristics complies to IEC 60068-2-20 (A931) Soldering Heat Resistance complies to IEC 60068-2-58 Marking , Type, Nom. Voltage, Date Unit Weight ca. 1.5g
Approvals
WebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Characteristics
Type/ Order Code DC Tolerance Impulse sparkover sparkover voltage voltage (1kV/s) typ. Glow Insulation Capacitance 8/20s 8/20s AC AC Approval Voltage Resistance (@1MHZ) Nominal Single Nominal Alternating (@100 Vdc or Impulse Impulse Discharge Discharge @50Vdc for 90V) Discharge Discharge Current Current Current Current (50Hz; 1s; (50Hz; (10 times) (1 time) (10 times) 9 cycles) UL-rec. ~ 60V > 10G < 1.5 pF 10kA 12kA 10A 65A *
A930 S0 0090 01 00 A931 S0 0090 01 01 A932 S0 0090 01 02
90V
+/- 20%
<550V
A930 S0 0230 01 00 A931 S0 0230 01 01 230V A932 S0 0230 01 02 A930 S0 0350 01 00 A931 S0 0350 01 01 350V A932 S0 0350 01 02 A930 S0 0600 04 00 A931 S0 0600 04 01 600V other values on request Specifications are subject to change without notice.
+/- 20%
<600V
~ 60V
> 10G
< 1.5 pF
10kA
12kA
10A
65A
*
+/- 20%
<800V
~ 60V
> 10G
< 1.5 pF
10kA
12kA
10A
65A
*
-10/+20%
<1.100V
~ 60V
> 10G
< 1.5 pF
10kA
12kA
10A
65A
*
Order Example
Qty.
OrderNumber
Type A930
Failsafe Option Sparkover Volt. S0 0090
Tolerance 01
Packaging 00
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
DISCHARGE TUBE GAS DISCHARGE TUBE
Dimensions (mm) A930/A931/A932
A930
A931
A932
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A931

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X